Part Number Hot Search : 
C9011A MUR410 CSD655 AM29F200 G910TD1B 8116S MMT4261 BU323A
Product Description
Full Text Search
 

To Download P1803ACLXX Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SIDACtor (R) Protection Thyristors
High Surge Current Protection
SIDACtor(R) Primary Protection Balanced Series
Description
- Modified TO-220
The SIDACtor(R) Primary Protection Balanced Series Modified TO-220 are thyristor devices designed for use in primary protection applications. The series provides a single port overvoltage solution that enables applications to comply with the balance requirements of GR-974 and GTS-8700. Please contact Littelfuse to discuss your particular application and regulatory requirements. Features and Benefits Agency Approvals
Agency Agency File Number E133083
High holding current options available Balanced overvoltage protection Failsafe option available Low voltage overshoot Low on-state voltage
Does not degrade with use Fails short circuit when surged in excess of ratings Single-port protection Modified TO-220 Package Lead forms available
Pinout Designation
Applicable Global Standards GR-974
PIN 1 PIN 2 PIN 3
UL 497 ITU K.28
GTS-8700
Schematic Symbol
1
(T)
3
(R)
2
(G)
Electrical Characteristics
VS VDRM @lDRM=5A @100V/s V min V max Pins 1-2, 3-2, 1-3 130 180 150 210 170 250 200 270 230 300 270 350 300 400 420 600 IH* mA min 150 150 150 150 150 150 150 150 IS mA max 800 800 800 800 800 800 800 800 IT A max 2.2 2.2 2.2 2.2 2.2 2.2 2.2 2.2 VT@IT= 2.2 Amps V max 8 8 8 8 8 8 8 8 Capacitance Pin 1-2 / 3-2 Tip-Ground, Ring-Ground pF min 65 55 55 50 50 45 45 40 pF max 95 85 85 75 75 70 65 60 Pin 1-3 Tip-Ring pF min 40 35 30 30 30 25 25 20 pF max 60 55 55 50 50 45 45 40
Part Number
Marking
P1553ACLxx P1803ACLXX P2103ACLxx P2353ACLxx P2703ACLxx P3203ACLxx P3403ACLxx P5103ACLxx
P1553AC P1803AC P2103AC P2353AC P2703AC P3203AC P3403AC P5103AC
Notes: * Higher holding current available by special order. Contact Littelfuse for additional information. - Absolute maximum ratings measured at TA= 25C (unless otherwise noted). - Devices are bi-directional (unless otherwise noted). (c) 2011 Littelfuse, Inc. Specifications are subject to change without notice. Please refer to www.littelfuse.com for current information. 199
- Off-state capacitance (CO) is measured at 1 MHz with a 2 V bias. - xx Part Number Suffix: `RP' (Reel pack), Blank (Bulk pack), `60' (Type 60 lead form bulk pack), `FS1' (Failsafe option bulk pack). Refer to Part Numbering section for additional details.
Revised: February 22, 2011
SIDACtor (R) Protection Thyristors
High Surge Current Protection
Surge Ratings
IPP Series 0.2x310 1 0.5x700 2 A min C
Notes: 1 Current waveform in s 2 Voltage waveform in s - Peak pulse current rating (IPP) is repetitive and guaranteed for the life of the product. - IPP - The device must initially be in thermal equilibrium with -40C < TJ <
2x10 1 2x10 2 A min 500
8x20 1 1.2x50 2 A min 400
10x160 1 10x160 2 A min 200
10x560 1 10x560 2 A min 150
5x320 1 9x720 2 A min 200
10x360 1 10x360 2 A min 175
10x1000 1 10x1000 2 A min 100
5x310 1 10x700 2 A min 200
ITSM 50/60 Hz A min 50
di/dt A/s max 500
50
Thermal Considerations
Package Modified TO-220 Symbol TJ TS
PIN 1 PIN 2 PIN 3
Parameter Operating Junction Temperature Range Storage Temperature Range Thermal Resistance: Junction to Ambient
Value
Unit C C
R0JA
50
C/W
V-I Characteristics
+I
tr x td Pulse Waveform
IPP - Peak Pulse Current - %IPP
IT IS IH IDRM -V VT VDRM VS +V
100
Peak Value
tr = rise time to peak value td = decay time to half value
Waveform = tr x td
50
Half Value
0 0
-I
tr
td t - Time (s)
Normalized VS Change vs. Junction Temperature
Normalized DC Holding Current vs. Case Temperature
2.0
Percent of VS Change - %
10 8 6 4 2 0 -4 -6 -8 -40 -20 0 20 40 60 80 100 120 140 160
IH (TC = 25C)
14 12
1.8 1.6 1.4 1.2 1.0 0.8 0.6 0.4
-40 -20 0 20 40 60 80 100 120 140 160
IH
25 C
25C
Junction Temperature (TJ) - C
Ratio of
Case Temperature (TC) - C
(c) 2011 Littelfuse, Inc. Specifications are subject to change without notice. Please refer to www.littelfuse.com for current information.
200 Revised: February 22, 2011
SIDACtor (R) Protection Thyristors
High Surge Current Protection
Soldering Parameters
Reflow Condition
- Temperature Min (Ts(min))
Pb-Free assembly (see Fig. 1)
Figure 1
TP
Ramp-up
tP
Critical Zone TL to TP
Pre Heat
- Temperature Max (Ts(max)) - Time (Min to Max) (ts)
60-180 secs. 3C/sec. Max. 3C/sec. Max. 60-150 secs.
TS(max) to TL - Ramp-up Rate Reflow
- Temperature (TL) (Liquidus) - Temperature (tL)
Temperature
Average ramp up rate (Liquidus Temp (TL) to peak)
TL TS(max)
Preheat
tL
Ramp-down
TS(min)
tS
Peak Temp (TP) Time within 5C of actual Peak Temp (tp) Ramp-down Rate Time 25C to Peak Temp (TP) Do not exceed 30 secs. Max. 6C/sec. Max. 8 min. Max.
25 time to peak temperature (t 25C to peak)
Time
Physical Specifications
Lead Material Terminal Finish Body Material Copper Alloy 100% Matte-Tin Plated
Environmental Specifications
High Temp Voltage Blocking 80% Rated VDRM (VAC Peak 504 or 1008 hrs. MIL-STD-750 (Method 1040) JEDEC, JESD22-A-101 cycles. MIL-STD-750 (Method 1051) EIA/JEDEC, JESD22-A104 52 VDC JEDEC, JESD22-A-101 JEDEC, JESD22-A-101 -65C, 1008 hrs. 10 cycles. MIL-STD-750 (Method 1056) JEDEC, JESD22-A-106 JEDEC, JESD22-A-102
Temp Cycling
UL recognized epoxy meeting flammability classification 94V-0
Biased Temp & Humidity High Temp Storage Low Temp Storage Thermal Shock
Part Numbering
Autoclave (Pressure Cooker Test) Resistance to Solder Heat
P xxx 3 A C L xx
TYPE
P = SIDACtor
PACKING OPTIONS
Blank: Bulk RP: Reel Pack 60: Type 60 Lead Form (for type 60 orders, contact factory).
Moisture Sensitivity Level
MEDIAN VOLTAGE CONSTRUCTION VARIABLE PACKAGE TYPE
RoHS COMPLIANT IPP RATING
Part Marking
XXXXXXXXX
Part Marking Code
(Refer to Electrical Characteristics Table)
P xxx 3 A C L FS1
TYPE
P = SIDACtor
FAILSAFE OPTION* RoHS COMPLIANT IPP RATING
* Failsafe devices are only offered in bulk pack, reel pack not available.
xxxxx
Date Code
MEDIAN VOLTAGE CONSTRUCTION VARIABLE PACKAGE TYPE
(c) 2011 Littelfuse, Inc. Specifications are subject to change without notice. Please refer to www.littelfuse.com for current information.
201 Revised: February 22, 2011
SIDACtor (R) Protection Thyristors
High Surge Current Protection
Dimensions - Modified TO-220
A O
Dimensions - Modified TO-220 with Failsafe
Inches Min Max
0.410 0.375 0.130 0.575 0.035 0.205 0.105 0.075 0.085 0.024 0.188 0.310
Millimeters Min
9.14 2.80 0.63 4.95 2.41 1.52 1.78 0.46 4.52 7 .37
Max
9.53 3.30 0.89 5.21 2.67 1.90 2.16 0.61 4.78 7 .87
D
A
F Temperature Measurement Point P PIN 3 PIN 2 PIN 1 L K H J M N
0.400 0.360 0.110 0.540 0.025 0.195 0.095 0.060 0.070 0.018 0.178 0.290
10.16 10.42
D F G H J K L M
G
13.71 14.61
The modified TO-220 package is designed to meet mechanical standards as set forth in JEDEC publication number 95.
N O P
Tape and Reel Specification - Modified TO-220
0.240 (6.10) 1.626 (41.15) 0.720 (18.29) 0.360 (9.14)
0.500 (12.7)
Dimensions - Modified TO-220 Type 60 with Failsafe
0.019 (0.5) 0.750 0.010 (19.05 0.25) 0.100 (2.54) 0.100 (2.54)
14.173 (360.0) Dimensions are in inches (and millimeters).
Direction of Feed
1.968 (50.0)
Packing Options
Package Type Description Modified TO-220 Tape and Reel Pack A Modified TO-220 Bulk Pack Modified TO-220 Type 60 Lead Form Bulk Pack Quantity 700 500 Added Suffix RP (no added suffix) 60 (special order item, contact factory for details)
Industry Standard
EIA-468-B N/A
500
N/A
(c) 2011 Littelfuse, Inc. Specifications are subject to change without notice. Please refer to www.littelfuse.com for current information.
202 Revised: February 22, 2011


▲Up To Search▲   

 
Price & Availability of P1803ACLXX

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X